|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KP5450B45E7F issued date : 2011.12.21 document no : kled-KP5450B45E7F customer : description : 5450 6 pin top view led model no. : KP5450B45E7F [ auk corp. ] issue dept. production q/a issue review appr'l review appr'l review appr'l specification [ customer approval ] [ revision] auk-qm-043-1(c) auk corp issue review appr'l review appr'l review appr'l issue review no date revision items issued by appr'd by sm.lee o 2011.12.21 spec. update k.lim
KP5450B45E7F contents pl 1 . descriptions 2 . features 3 . applications 4 . outline dimensions and material descriptions 5 . absolute maximums 6 . elector-optical characteristics 7 . ranks 8 . part numbering 9 . characteristic graphs 10 . recommended soldering pattern 11 . reflow soldering profile 12 . manual soldering conditions 13 . tape and reel specifications 14 . packing specifications 15 . label 16 . cautions auk-qm-043-2(c) auk corp KP5450B45E7F pl this specification sheets include the contents under the copyright of kodenshi auk corp("auk'). please keep them with reasonable care as important information. please don't reproduce or cause anyone reproduce them without auk's consent. auk takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet. please obey the instructions mentioned below for actual use of this device. this device is designed for general electronic equipment. main use of this device are as follows; * computer * oa equipment * telecommunication equipment(terminal) * measuring instrument * machine tool *industrial robot * av equipment * home appliance,etc. please take proper steps in order to maintain reliability and safety, in case this device is used for the uses mentioned below which require high reliability. * unit concerning control and safety of a vehicle (air plane,train,automobile, etc.) * traffic signal * gas leak detection breaker * fire box and burglar alarm box * other safety equipment,etc. please don't use for the uses mentioned below which require extremely high reliability. * space equipment * telecommunication equipment(trunk) * nuclear control equipment * medical equipment(relating to any fatal element),etc. auk-qm-043-2(c) auk corp KP5450B45E7F 1. descriptions the KP5450B45E7F is a led consisting of small and thin form plastic leaded chip carrier (plcc) 6-pin package, ingan blue chip. 2. features small footprint surface mount package ( 5.4 l 5.0 w 1.6 h [mm ]) typical forward voltage(v f ) : 3.2 v @ forward current(i f )=60ma operation temperature from -30 to +85 soldering methods : ir reflow soldering taping : 12 L conductive black carrier tape & antistatic clear cover tape 3. applications vegetative lighting interior lighting indoor and out door displays architectural / decorative lighting architectural / decorative lighting auk-qm-043-2(c) auk corp KP5450B45E7F 4. outline dimensions and material descriptions outline dimensions unit : [mm] material descriptions auk-qm-043-2(c) auk corp die adhesive clear sillicone led chip ingan no. item material package ppa wire au or ag encapsulant silicone lead cu alloy KP5450B45E7F 5. absolute maximums parameter *1. ifp was measured at tw 1 msec of pulse width and d 1/10 of duty ratio. *2. soldering time : 5 sec 6. electro-optical characteristics (t a = 25 ) i f =60ma soldering temperature *2 unit forward voltage / each *3 - 3.2 3.5 v symbol v f min parameter typ max conditions -30 ~ +85 symbol ratings forward current pulse forward current *1 power dissipation operating temperature p d 315 i f 30/each i fp 0.1/each t opr. unit ma a c t stg. -40 ~ +100 mw storage temperature c t sol. 260 c *1. the luminous intensity iv was measured at the peak of the spatial pattern which may not be align ed with the mechanical axis of the led package. *2. 2 1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity. *3. measuring tolerance - v f : 0.1 v, i v : 10%, ra : 3, x,y : 0.01 auk-qm-043-2(c) auk corp v r = 5 v i f =60ma 460.0 a i r reverse current - - 10 nm i v wavelength 450.0 120 - deg. i f =60ma luminance intensity *1 i v i f =60ma 600 750 - mcd half angle *2 2? 1/2 - KP5450B45E7F 7. ranks iv, v f , color rank @ i f = 60 ma 8. part numbering rank table a : 450 ~ 455 b : 455 ~ 460 luminuous intensity [mcd] forward voltage [v] wavelengeh(nm) 3 : 3.3 ~ 3.5 q : 700 ~ 800 1 : 2.9 ~ 3.1 r : 800 ~ 1000 2 : 3.1 ~ 3.3 p : 600 ~ 700 auk-qm-043-2(c) auk corp 0.376 0.3376 0.3481 0.3736 0.3874 0.3616 0.3205 0.3551 KP5450B45E7F 9. characteristic graphs forward current vs. ambient temperature luminous intensity vs. forward current relative luminous intensity vs. ambient temperature relative intensity vs. wavelength forward current i f [ma] rel relative radiant intensity p o i f = 50 ma 25 50 75 100 125 150 100 100 120 60 0 forward current( i ) f ( ? ) 90 30 80 ambient temperature(ta) 40 0 20 60 ( ) 60 relative intensity (%) 80 100 1 10 0 0 5 10 0.5 1 (if) 1.5 15 20 25 30 35 auk-qm-043-2(c) auk corp forward current vs. forward voltage viewing pattern relative radiant intensity p ambient temperature t a [ ] relative intensity[%] angle(deg) i f = 50 ma 700 wavelength() 60 relative intensity 400 20 0 300 40 500 600 80 1000 800 900 ( ? ) -20 0 20 0.1 1 80 60 40 100 50 +20 +100 100 +80 +40 +60 -80 50 0 -100 100 -20 50 0 -40 -60 120 60 0 ( ? ) 90 30 1.0 0 forward current(i ) f t a = 2 5 (v) 3.0 forward voltage(v ) 2.0 f 4.0 KP5450B45E7F 10. recommended soldering pattern unit : [mm] 11. reflow soldering profile 5 sec. max. max: 260 c temperature ( ) 240 12. manual soldering codition for manual soldring, you have to complete soldering within 3 seconds under 260 . (the temperature at tip of solder iron). auk-qm-043-2(c) auk corp within 2 min 50 sec. max. 150 100 temperature ( ) time (sec.) 240 KP5450B45E7F 13. tape and reel specifications tape reel unit : [mm] unit : [mm] b b' a a' quantity : 1,000pcs/reel cover tape adhesion : 0.1 ~ 0.7n for 45 pulling up. auk-qm-043-2(c) auk corp KP5450B45E7F 14. packing specifications unit : [mm] label a label a 215 5 230 5 outer box reel shilding bag specifications of carrier tape, reel and shilding bag auk-qm-043-2(c) auk corp 1x10 11 ~1x10 13 item carrier tape reel shilding bag outside surface conductivity 1x10 4 ~1x10 6 1x10 8 1x10 10 ~1x10 12 inside outer box 355 240 230 label b KP5450B45E7F 15. label label a ***** ******** ****** ******* 50 mm 90 mm kp 5450 b 45 e 7 f label b auk-qm-043-2(c) auk corp kp 5450 b 45 e 7 f ***** ******** ****** ******* 50 mm 90 mm KP5450B45E7F 16. cautions cautions in usage store and use where there is no exterior force that will cause change in shape. store and use where there is no hydrogen sulfide gas, or any other corrosive gas. once the package is opened, the products should be used within 3 days. otherwise, they should be kept in a damp proof box with descanting agent. considering the tape life, we suggest our customers to use our products within a year(from production date) if opened more than 3 days in an atmosphere 5 ~35 , rh 60%, they should be treated at 60 5 for 15 hrs. solder the lead pin under conditions of the absolute maximum rating chart and do not apply force on the solder pin after soldering. guarantee period and scope period one year after delivery to the desired place. scope replacement of products will be done if any problems lie in our company's products. however, we are not liable for your damage due to lack of caution. others any doubts concerning this specification should be discussed fully by both parties. auk-qm-043-2(c) auk corp |
Price & Availability of KP5450B45E7F |